PART |
Description |
Maker |
HM62W8128BLFP-12SRS HM62W8128BLT-12SRS HM62W8128BL |
x8 SRAM x8SRAM
|
Electronic Theatre Controls, Inc.
|
AS7C1024L-55PC AS7C1024L-55TC AS7C1024L-55JC AS7C1 |
x8 SRAM x8SRAM x8 SRAM x8的SRAM
|
Microchip Technology, Inc.
|
CXK581000ATM/AYM/AM/AP-10LL CXK581000ATM/AYM/AM/AP |
128K X 8 STANDARD SRAM, 100 ns, PDIP32 128K X 8 STANDARD SRAM, 55 ns, PDSO32 8 X 20 MM, PLASTIC, TSOP1-32 131072-word x 8-bit High Speed CMOS Static RAM 131072-word x 8-bit High Speed CMOS Static RAM
|
Cypress Semiconductor, Corp. SONY
|
LC361000AMLL-10X LC361000ARLL-10X LC361000ATLL-10X |
1 MEG (131072 words x 8 bits) SRAM
|
Sanyo Electric Co., Ltd.
|
M5M5V108CFP-10H M5M5V108CFP-10X M5M5V108CFP-70H M5 |
From old datasheet system 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M512R M5M512R88DJ-10 M5M512R88DJ-12 M5M512R88DJ- |
1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM From old datasheet system
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
M5M5V108CFP-10HI M5M5V108CFP-10XI M5M5V108CFP-70HI |
1048576-bit (131072-word by 8-bit) CMOS static RAM From old datasheet system 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
UPD27C1001A |
131072 x 8-Bit CMOS UV EPROM
|
NEC Electronics
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
HN27C101AG |
131072-word 8-bit CMOS UV Erasable and Programmable ROM
|
Hitachi Semiconductor
|
CXK5V81000ATM-10LLX CXK5V81000ATM-85LLX |
131072-word x 8-bit High Speed CMOS Static RAM
|
SONY
|